PART |
Description |
Maker |
3VSK1 3VSK111 3VSK3 20VSK6 30VSK6C 3VSK7 3ESK1 3ES |
High Performance K Series RFI Line Filters for SMPS Emission Control Power Line SK (High Performance) Series Power Line SK Series
|
Tyco Electronics TE Connectivity Ltd
|
RX9PNP-152J-35 RX9PNP-122J-35 RX9PNP-102J-35 RX9PN |
1 ELEMENT, 3900 uH, GENERAL PURPOSE INDUCTOR POWER INDUCTORS Pin Type: RX Series POWER INDUCTORS < Pin Type: RX Series> POWER INDUCTORS , Pin Type: RX Series
|
Sumida Corporation
|
NM2012N1R0M-T |
Multilayer Chip Power Inductors (CK series P type/NM series)
|
Taiyo Yuden (U.S.A.), Inc
|
F-CBS-F1 F-CBS-F3 F-CBS-F5 F-CBS-F2 |
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
|
List of Unclassifed Man...
|
74ABT2241 74ABT2241D 74ABT2241DB 74ABT2241N 74ABT2 |
Power Supply ABT SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20 Octal buffer with 30 series termination From old datasheet system Octal buffer with 30ohm series termination resistors; 3-State Octal buffer with 30 Ohm series termination resistors (3-State)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
HHS60ZA HHS60ZB HHS60ZD HHS60ZE HHS60ZY |
Power Resistor; Series:90; Resistance:2kohm; Resistance Tolerance: /- 5%; Power Rating:5W; Resistor Element Material:Ceramic; Temperature Coefficient: /-30 ppm; Leaded Process Compatible:Yes; Packaging:Bulk RoHS Compliant: Yes HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
|
Power-One
|
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
CR105NP-3R3MB CR105NP-3R3MC CR105NP-2R5MB CR105NP- |
POWER INDUCTORS <SMD Type: CR Series POWER INDUCTORS POWER INDUCTORS Type: CR Series
|
Sumida Corporation
|
MAPD-007246-ES4700 MAPD-007246-ES4700-15 |
E-Series 4-Way Power Divider 2 - 1000 MHz E-Series 4-Way 0° Power Divider
|
M/A-COM Technology Solu... M/A-COM Technology Solutions, Inc. M/A-COM Technology Solution...
|
MAPD-009278-5T1000 |
E-Series RF 2-Way 0° Power Divider E-Series RF 2-Way Power Divider 5-1000 MHz
|
M/A-COM Technology Solutions, Inc.
|
1DI300Z-120 |
Power transistor module for power switching, AC and DC motor controls Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3122; Number of Contacts:6; Connector Shell Size:10; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle
|
COLLMER SEMICONDUCTOR INC FUJI[Fuji Electric] FUJI ELECTRIC HOLDINGS CO., LTD.
|